Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRS01 Datasheet (PDF) - Toshiba Semiconductor

CRS01 Datasheet PDF - Toshiba Semiconductor
Part # CRS01
Download  CRS01 Download
File Size   156.83 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)

CRS01 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRS01 Datasheet PDF - Toshiba Semiconductor

Part # CRS01
Download  CRS01 Click to download

File Size   156.83 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)

CRS01 Datasheet (HTML) - Toshiba Semiconductor


CRS01 Product details

High Speed Rectifier Applications

• Low forward voltage: VFM = 0.37 V @ IFM = 0.7 A
• Average forward current: IF (AV) = 1.0 A
• Repetitive peak reverse voltage: VRRM = 30 V
• Suitable for compact assembly due to small surface-mount package
   “S−FLATTM” (Toshiba package name)




Similar Part No. - CRS01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS01 TOSHIBA-CRS01 Datasheet
176Kb / 5P
High Speed Rectifier Applications
logo
Jiangsu High diode Semi...
CRS01 HDSEMI-CRS01 Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
logo
SEMTECH ELECTRONICS LTD...
CRS01W SEMTECH_ELEC-CRS01W Datasheet
155Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
Toshiba Semiconductor
CRS01 TOSHIBA-CRS01_06 Datasheet
176Kb / 5P
High Speed Rectifier Applications
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Similar Description - CRS01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
10FWJ2C42 TOSHIBA-10FWJ2C42 Datasheet
133Kb / 2P
SCHOTTKY BARRIER RECTIFIER STACK (HIGH SPEED RECTIFIER APPLICATIONS)
1FWJ43L TOSHIBA-1FWJ43L Datasheet
159Kb / 3P
SCHOTTKY BARRIER (HIGH SPEED RECTIFIER APPLICATIONS)
1FWJ43M TOSHIBA-1FWJ43M Datasheet
162Kb / 3P
SCHOTTKY BARRIER (HIGH SPEED RECTIFIER APPLICATIONS)
1GWJ42 TOSHIBA-1GWJ42 Datasheet
175Kb / 3P
SCHOTTKY BARRIER (HIGH SPEED RECTIFIER APPLICATIONS)
1GWJ43 TOSHIBA-1GWJ43 Datasheet
159Kb / 3P
SCHOTTKY BARRIER (HIGH SPEED RECTIFIER APPLICATIONS)
2GWJ42 TOSHIBA-2GWJ42 Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
2GWJ42C TOSHIBA-2GWJ42C Datasheet
109Kb / 2P
SCHOTTKY BARRIER RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
3GWJ42 TOSHIBA-3GWJ42 Datasheet
168Kb / 3P
SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)
5FWJ2C42 TOSHIBA-5FWJ2C42 Datasheet
133Kb / 2P
SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)
U3FWJ44N TOSHIBA-U3FWJ44N Datasheet
159Kb / 4P
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com