Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT15J101 Datasheet (PDF) - Toshiba Semiconductor

GT15J101 Datasheet PDF - Toshiba Semiconductor
Part # GT15J101
Download  GT15J101 Download
File Size   208.76 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)

GT15J101 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT15J101 Datasheet PDF - Toshiba Semiconductor

Part # GT15J101
Download  GT15J101 Click to download

File Size   208.76 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)

GT15J101 Datasheet (HTML) - Toshiba Semiconductor


GT15J101 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - GT15J101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J101 TOSHIBA-GT15J101 Datasheet
835Kb / 16P
Discrete IGBTs
More results


Similar Description - GT15J101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT10J303 TOSHIBA-GT10J303 Datasheet
291Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J102 TOSHIBA-GT15J102 Datasheet
207Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J103 TOSHIBA-GT15J103 Datasheet
190Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG15Q6ES42 TOSHIBA-MG15Q6ES42 Datasheet
258Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG25Q6ES51A TOSHIBA-MG25Q6ES51A Datasheet
263Kb / 7P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG300Q1US41 TOSHIBA-MG300Q1US41 Datasheet
252Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG400Q1US51 TOSHIBA-MG400Q1US51 Datasheet
309Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50J6ES50 TOSHIBA-MG50J6ES50 Datasheet
307Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50Q2YS40 TOSHIBA-MG50Q2YS40 Datasheet
253Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50Q6ES50 TOSHIBA-MG50Q6ES50 Datasheet
277Kb / 7P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com