Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT20D101 Datasheet (PDF) - Toshiba Semiconductor

GT20D101 Datasheet PDF - Toshiba Semiconductor
Part # GT20D101
Download  GT20D101 Download
File Size   168.51 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL TYPE (HIGH POWER AMPLIFIER APPLICATION)

GT20D101 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT20D101 Datasheet PDF - Toshiba Semiconductor

Part # GT20D101
Download  GT20D101 Click to download

File Size   168.51 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL TYPE (HIGH POWER AMPLIFIER APPLICATION)

GT20D101 Datasheet (HTML) - Toshiba Semiconductor


GT20D101 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - GT20D101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT20D101 TOSHIBA-GT20D101 Datasheet
835Kb / 16P
Discrete IGBTs
More results


Similar Description - GT20D101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ200 TOSHIBA-2SJ200 Datasheet
181Kb / 3P
P CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATION)
2SK1530 TOSHIBA-2SK1530 Datasheet
183Kb / 3P
N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATION)
2SK2013 TOSHIBA-2SK2013 Datasheet
162Kb / 3P
N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION)
24-Jul-1998
2SK2467-Y TOSHIBA-2SK2467-Y Datasheet
92Kb / 1P
N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATIONS)
20-Feb-1998
2SK2855 TOSHIBA-2SK2855 Datasheet
107Kb / 2P
N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATION)
2SK1529 TOSHIBA-2SK1529_06 Datasheet
490Kb / 4P
N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATIONS)
20-Nov-2006
2SK1530 TOSHIBA-2SK1530_06 Datasheet
564Kb / 4P
N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATION)
20-Nov-2006
2SK2013 TOSHIBA-2SK2013_06 Datasheet
408Kb / 4P
N CHANNEL MOS TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATION
21-Nov-2006
2SK2467 TOSHIBA-2SK2467_06 Datasheet
107Kb / 3P
Silicon N Channel MOS Type High-Power Amplifier Application
21-Nov-2006
2SK3497 TOSHIBA-2SK3497_06 Datasheet
114Kb / 3P
Silicon N Channel MOS Type High Power Amplifier Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com