Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2S56D20ATP Datasheet (PDF) - Elpida Memory

M2S56D20ATP Datasheet PDF - Elpida Memory
Part # M2S56D20ATP
Download  M2S56D20ATP Download
File Size   644.95 Kbytes
Page   41 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M Double Data Rate Synchronous DRAM

M2S56D20ATP Datasheet (PDF)

Go To PDF Page Download Datasheet
M2S56D20ATP Datasheet PDF - Elpida Memory

Part # M2S56D20ATP
Download  M2S56D20ATP Click to download

File Size   644.95 Kbytes
Page   41 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M Double Data Rate Synchronous DRAM

M2S56D20ATP Datasheet (HTML) - Elpida Memory


M2S56D20ATP Product details

DESCRIPTION
M2S56D20ATP / AKT is a 4-bank x 16777216-word x 4-bit,
M2S56D30ATP / AKT is a 4-bank x 8388608-word x 8-bit,
M2S56D40ATP/ AKT is a 4-bank x 4194304-word x 16-bit,
double data rate synchronous DRAM, with SSTL_2 interface. All control and address signals are referenced to the rising edge of CLK.Input data is registered on both edges of data strobes, and output data and data strobe are referenced on both edges of CLK. The M2S56D20/30/40A achieve very high speed data rate up to 166MHz(-60), 133MHz(-75A/-75) and are suitable for main memory in computer systems.

FEATURES
- VDD=VDDQ=2.5V+0.2V
- Double data rate architecture; two data transfers per clock cycle
- Bidirectional, data strobe (DQS) is transmitted/received with data
- Differential clock inputs (CLK and /CLK)
- DLL aligns DQ and DQS transitions
- Commands are entered on each positive CLK edge
- Data and data mask are referenced to both edges of DQS
- 4-bank operations are controlled by BA0, BA1 (Bank Address)
- /CAS latency- 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Burst type- sequential / interleave (programmable)
- Auto precharge / All bank precharge is controlled by A10
- 8192 refresh cycles /64ms (4 banks concurrent refresh)
- Auto refresh and Self refresh
- Row address A0-12 / Column address A0-9,11(x4) / A0-9(x8) / A0-8(x16)
- SSTL_2 Interface
- Both 66-pin TSOP Package and 64-pin Small TSOP Package
    M2S56D*0ATP: 0.65mm lead pitch 66-pin TSOP Package
    M2S56D*0AKT: 0.4mm lead pitch 64-pin Small TSOP Package
- JEDEC standard
- Low Power for the Self Refresh Current
    Ultra Low Power Version : ICC6 < 1mA ( -60UL , -75AU , -75UL )
    Low Power Version : ICC6 < 2mA ( -60L , -75AL , -75L )




Similar Part No. - M2S56D20ATP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20ATP-10 MITSUBISHI-M2S56D20ATP-10 Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
M2S56D20ATP-10 MITSUBISHI-M2S56D20ATP-10 Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
M2S56D20ATP-10L MITSUBISHI-M2S56D20ATP-10L Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
M2S56D20ATP-75 MITSUBISHI-M2S56D20ATP-75 Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
M2S56D20ATP-75 MITSUBISHI-M2S56D20ATP-75 Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
More results


Similar Description - M2S56D20ATP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY5DU56422DTP HYNIX-HY5DU56422DTP Datasheet
413Kb / 37P
256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
128M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
256M Double Data Rate Synchronous DRAM
M2V56S20AKT MITSUBISHI-M2V56S20AKT Datasheet
694Kb / 49P
256M Synchronous DRAM
M2V56S20ATP MITSUBISHI-M2V56S20ATP Datasheet
690Kb / 49P
256M Synchronous DRAM
M2V56S20TP MITSUBISHI-M2V56S20TP Datasheet
280Kb / 49P
256M Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
512M Double Data Rate Synchronous DRAM
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
256M Double Data Rate Synchronous DRAM
M2V56S20 MITSUBISHI-M2V56S20 Datasheet
431Kb / 51P
256M Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com