Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCD103PSH Datasheet (PDF) - Zowie Technology Corporation

SSCD103PSH Datasheet PDF - Zowie Technology Corporation
Part # SSCD103PSH
Download  SSCD103PSH Download
File Size   156.3 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Schottky Barrier Diode Objective Specification

SSCD103PSH Datasheet (PDF)

Go To PDF Page Download Datasheet
SSCD103PSH Datasheet PDF - Zowie Technology Corporation

Part # SSCD103PSH
Download  SSCD103PSH Click to download

File Size   156.3 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Schottky Barrier Diode Objective Specification

SSCD103PSH Datasheet (HTML) - Zowie Technology Corporation


SSCD103PSH Product details

FEATURES
* Halogen-free type
* Lead free product, compliance to RoHS
* Lead less chip form, no lead damage
* Lead-free solder joint, no wire bond & lead frame
* Low power loss, High efficiency
* High current capability
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0

APPLICATION
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication

MECHANICAL DATA
   Case : Packed with FRP substrate and epoxy underfilled
   Terminals : Pure Tin plated (Lead-Free),
      solderable per MIL-STD-750, Method 2026.
   Polarity : Laser Cathode band marking
   Weight : 0.012 gram




Similar Part No. - SSCD103PSH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SSCD102 ZOWIE-SSCD102 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SSCD102 SECOS-SSCD102 Datasheet
420Kb / 2P
1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SSCD102H ZOWIE-SSCD102H Datasheet
200Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SSCD102LH ZOWIE-SSCD102LH Datasheet
162Kb / 2P
Schottky Barrier Diode
More results


Similar Description - SSCD103PSH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
Central Semiconductor C...
CMDSH-4E CENTRAL-CMDSH-4E Datasheet
129Kb / 2P
ENHANCED SPECIFICATION SCHOTTKY DIODE
logo
Zowie Technology Corpor...
SCD13PH ZOWIE-SCD13PH Datasheet
45Kb / 2P
Objective Specification
SCD23PH ZOWIE-SCD23PH Datasheet
42Kb / 2P
Schottky Barrier Diode Objective Specification
SCD33PH ZOWIE-SCD33PH Datasheet
42Kb / 2P
Schottky Barrier Diode Objective Specification
SSCD203PSH ZOWIE-SSCD203PSH Datasheet
213Kb / 2P
Schottky Barrier Diode Objective Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com