Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1071AS-100M Datasheet (PDF) - TOKO, Inc

1071AS-100M Datasheet PDF - TOKO, Inc
Part # 1071AS-100M
Download  1071AS-100M Download
File Size   107.27 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Fixed Inductors for Surface Mounting

1071AS-100M Datasheet (PDF)

Go To PDF Page Download Datasheet
1071AS-100M Datasheet PDF - TOKO, Inc

Part # 1071AS-100M
Download  1071AS-100M Click to download

File Size   107.27 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Fixed Inductors for Surface Mounting

1071AS-100M Datasheet (HTML) - TOKO, Inc


1071AS-100M Product details

FEATURES

• Low profile (2.8 × 3.0mm square, 1.0/1.2/1.5/1.8mm Max.height).

• Magnetically shielded construction and low DC resistance.

• Ideal for a variety of DC-DC converter inductor applications.(DVC,DSC,Cellular phone,PDA)

• RoHS compliant

 



 




Similar Part No. - 1071AS-100M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1071AS-1R0N SEMTECH-1071AS-1R0N Datasheet
1Mb / 23P
Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
1071AS-1R0N SEMTECH-1071AS-1R0N Datasheet
2Mb / 22P
Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
More results


Similar Description - 1071AS-100M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com