Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5116405 Datasheet (PDF) - Elpida Memory

HM5116405 Datasheet PDF - Elpida Memory
Part # HM5116405
Download  HM5116405 Download
File Size   580.45 Kbytes
Page   34 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh

HM5116405 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM5116405 Datasheet PDF - Elpida Memory

Part # HM5116405
Download  HM5116405 Click to download

File Size   580.45 Kbytes
Page   34 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh

HM5116405 Datasheet (HTML) - Elpida Memory


HM5116405 Product details

Description
The HM5116405 Series, HM5117405 Series are CMOS dynamic RAMs organized 4,194,304-word × 4-bit. They employ the most advanced CMOS technology for high performance and low power.  The HM5116405 Series, HM5117405 Series offer Extended Data Out (EDO)  Page Mode as a high speed access mode.  They have package variations of standard 26-pin plastic SOJ and standard 26-pin plastic TSOP II.

Features
• Single 5 V (±10%)
• Access time:  50 ns/60 ns/70 ns (max)
• Power dissipation
    - Active mode : 495 mW/440 mW/385 mW (max) (HM5116405 Series)
                           : 550 mW/495 mW/440 mW (max) (HM5117405 Series)
    - Standby mode : 11 mW (max)
                               : 0.83 mW (max) (L-version)
• EDO page mode capability
• Long refresh period
    - 4096 refresh cycles :  64 ms (HM5116405 Series)
                                      :  128 ms (L-version)
    - 2048 refresh cycles :  32 ms (HM5117405 Series)
                                       :  128 ms (L-version)
• 3 variations of refresh
    - RAS-only refresh
    - CAS-before-RAS refresh
    - Hidden refresh
• Battery backup operation (L-version)
• Test function
    - 16-bit parallel test mode




Similar Part No. - HM5116405

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
HM5116405LS-5 HITACHI-HM5116405LS-5 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
HM5116405LS-6 HITACHI-HM5116405LS-6 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
HM5116405LS-7 HITACHI-HM5116405LS-7 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
HM5116405LTS-5 HITACHI-HM5116405LTS-5 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Similar Description - HM5116405

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com