Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ23C2V7 Datasheet (PDF) - Weitron Technology

DZ23C2V7 Datasheet PDF - Weitron Technology
Part # DZ23C2V7
Download  DZ23C2V7 Download
File Size   1069.96 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Zener Diode

DZ23C2V7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DZ23C2V7 Datasheet PDF - Weitron Technology

Part # DZ23C2V7
Download  DZ23C2V7 Click to download

File Size   1069.96 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Zener Diode

DZ23C2V7 Datasheet (HTML) - Weitron Technology


DZ23C2V7 Product details

Surface Mount Zener Diode



Features:

* Dual zeners common cathode configuration

* 300mW Power Dissipation

* Ideally suited for automated insertion

* Zener Voltages from 2.7V -51V



 




Similar Part No. - DZ23C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
300 mW Dual Surface Mount Zener Diodes
01-Apr-99
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
391Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
DZ23C2V7 TSC-DZ23C2V7 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
logo
Pan Jit International I...
DZ23C2V7 PANJIT-DZ23C2V7 Datasheet
183Kb / 4P
DUAL SURFACE MOUNT ZENER DIODES
More results


Similar Description - DZ23C2V7

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com