Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2306 Datasheet (PDF) - Silikron Semiconductor Co.,LTD.

SSF2306 Datasheet PDF - Silikron Semiconductor Co.,LTD.
Part # SSF2306
Download  SSF2306 Download
File Size   309.18 Kbytes
Page   5 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description Battery protection

SSF2306 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF2306 Datasheet PDF - Silikron Semiconductor Co.,LTD.

Part # SSF2306
Download  SSF2306 Click to download

File Size   309.18 Kbytes
Page   5 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description Battery protection

SSF2306 Datasheet (HTML) - Silikron Semiconductor Co.,LTD.


SSF2306 Product details

DESCRIPTION
The SSF2306 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V.

GENERAL FEATURES
● VDS = 30V,ID = 5A
    RDS(ON) < 50mΩ @ VGS=2.5V
    RDS(ON) < 35mΩ @ VGS=4.5V
    RDS(ON) < 30mΩ @ VGS=10V

● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● Battery protection
● Load switch
● Power management




Similar Part No. - SSF2306

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2306 GOOD-ARK-SSF2306 Datasheet
332Kb / 4P
30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF2306 VBSEMI-SSF2306 Datasheet
493Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Silikron Semiconductor ...
SSF2306B SILIKRON-SSF2306B Datasheet
309Kb / 5P
Battery protection
logo
GOOD-ARK Electronics
SSF2306 GOOD-ARK-SSF2306_15 Datasheet
332Kb / 4P
30V N-Channel MOSFET
More results


Similar Description - SSF2306

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
Battery protection
SSF2318E SILIKRON-SSF2318E Datasheet
303Kb / 5P
Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
Battery protection
SSF3344 SILIKRON-SSF3344 Datasheet
310Kb / 5P
Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
Battery protection
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
Battery protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com