Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3296 Datasheet (PDF) - Pomona Electronics

3296 Datasheet PDF - Pomona Electronics
Part # 3296
Download  3296 Download
File Size   24.89 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Adapter, Miniature Binding Posts To BNC Male

3296 Datasheet (PDF)

Go To PDF Page Download Datasheet
3296 Datasheet PDF - Pomona Electronics

Part # 3296
Download  3296 Click to download

File Size   24.89 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Adapter, Miniature Binding Posts To BNC Male

3296 Datasheet (HTML) - Pomona Electronics


3296 Product details

Model 3296
Adapter, Miniature Binding Posts To BNC Male

MATERIALS:
   Body: Brass, Tarnish Resistant Plating, Center Contact: Gold Plated Brass Marking: “Pomona 3296”

RATINGS:
   Operating Voltage: Shield/Earth: 30VAC/60VDC Max.
   Inner conductor/Shield: 500VRMS Max.
   Operating Temperature: +50ºC. (+122ºF.) Max.




Similar Part No. - 3296

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296 BOURNS-3296 Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296 BOURNS-3296 Datasheet
131Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296 BOURNS-3296 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3296 BOURNS-3296 Datasheet
176Kb / 2P
3/8 ” Square Trimpot® Trimming Potentiometer
REV. 04/14
More results


Similar Description - 3296

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1452 POMONA-1452 Datasheet
74Kb / 1P
Adapter-Binding Posts to BNC Receptacle
1469 POMONA-1469 Datasheet
34Kb / 1P
Adapter - Binding Post To BNC Male, Four Terminal Isolation
3430 POMONA-3430 Datasheet
25Kb / 1P
Adapter - Binding Post To BNC Male
5001 POMONA-5001 Datasheet
21Kb / 1P
Adapter, Binding Posts To Miniature (Bantam) Plug
logo
Pasternack Enterprises,...
PE9013 PASTERNACK-PE9013 Datasheet
79Kb / 1P
BNC FEMALE TO BINDING POSTS
logo
Pomona Electronics
MODEL1452 POMONA-MODEL1452 Datasheet
74Kb / 1P
Adapter-Binding Posts to BNC Receptacle
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
Adapter ??Binding Post To BNC Male, Four Terminal Isolation
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
Adapter, Miniature Binding Posts To BNC Male
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
Adapter ??Binding Post To BNC Male
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
Adapter-BNC Male to Double Binding Post
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com