Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3302 Datasheet (PDF) - Pomona Electronics

3302 Datasheet PDF - Pomona Electronics
Part # 3302
Download  3302 Download
File Size   28.0 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Shielded Aluminum Box, Size F With BNC Females Both Ends

3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
3302 Datasheet PDF - Pomona Electronics

Part # 3302
Download  3302 Click to download

File Size   28.0 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Shielded Aluminum Box, Size F With BNC Females Both Ends

3302 Datasheet (HTML) - Pomona Electronics


3302 Product details

MATERIALS:
   Shielded Housing: Extruded Aluminum, Alloy 6063-T5
   Finish: Blue paint per Federal Standard 595, #25109 over primer wash per DOD-P-15328
   Connector: 2 each BNC Female
   Finish: Body and Fittings – Tarnish Resistant. Center Contact – Gold plated
   Turret Screws: 4 each #3-30, Steel
   Screws: 4 each #4-40 x 6.35 (1/4) per MS 35208-12 with clear irridite dip
   Cover: 2 each, 2.03 (.080) thick Aluminum, Alloy #1100-H14
   Finish: Clear anodized per MIL-A-8625
   Cover Screws: 16 each #4-40 x 6.35 (1/4”) Flat head per MS35109-221 with clear irridite dip




Similar Part No. - 3302

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
3M Electronics
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
logo
Bourns Electronic Solut...
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
146Kb / 2P
Trimmer
logo
KR Electronics, Inc.
3302 KR-3302 Datasheet
71Kb / 3P
KR Electronics part number 3302 is a 300 MHz bandpass filter
More results


Similar Description - 3302

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2390 POMONA-2390 Datasheet
25Kb / 1P
Size A Aluminum Box With Cover BNC Female/Female
2391 POMONA-2391 Datasheet
33Kb / 1P
Size A Aluminum Box With Cover BNC Male/Female
2401 POMONA-2401 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC TEE F-F-M
3301 POMONA-3301 Datasheet
24Kb / 1P
Size F Extruded Aluminum Box With Cover
3306 POMONA-3306 Datasheet
25Kb / 1P
Shielded Aluminum Box Size F Unfinished
3602 POMONA-3602 Datasheet
26Kb / 1P
Shielded Housing, Size ?쏡?? BNC Female Both Ends
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
3752 POMONA-3752 Datasheet
28Kb / 1P
BNC (F) To BNC (M) Miniature Size Aluminum Box With Cover
4276 POMONA-4276 Datasheet
21Kb / 1P
BNC Male Right Angle Both Ends
logo
List of Unclassifed Man...
BU-5050-B-12-0 ETC2-BU-5050-B-12-0 Datasheet
47Kb / 1P
BNC Male on Both Ends
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com