Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97 Datasheet (PDF) - NXP Semiconductors

SE97 Datasheet PDF - NXP Semiconductors
Part # SE97
Download  SE97 Download
File Size   275.88 Kbytes
Page   53 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DDR memory module temp sensor with integrated SPD, 3.3 V

SE97 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE97 Datasheet PDF - NXP Semiconductors

Part # SE97
Download  SE97 Click to download

File Size   275.88 Kbytes
Page   53 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DDR memory module temp sensor with integrated SPD, 3.3 V

SE97 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - SE97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97 NXP-SE97 Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97B NXP-SE97B Datasheet
401Kb / 53P
DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE97B NXP-SE97B Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SE97BTP NXP-SE97BTP Datasheet
401Kb / 53P
DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
More results


Similar Description - SE97

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
DDR/DDR2 (For memory module) SPD Memory
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98 NXP-SE98 Datasheet
193Kb / 39P
DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
SE98A NXP-SE98A_10 Datasheet
915Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 04-25 November 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com