Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2028 Datasheet (PDF) - NXP Semiconductors

UBA2028 Datasheet PDF - NXP Semiconductors
Part # UBA2028
Download  UBA2028 Download
File Size   136.52 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 600 V dimmable power IC for compact fluorescent lamps

UBA2028 Datasheet (PDF)

Go To PDF Page Download Datasheet
UBA2028 Datasheet PDF - NXP Semiconductors

Part # UBA2028
Download  UBA2028 Click to download

File Size   136.52 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 600 V dimmable power IC for compact fluorescent lamps

UBA2028 Datasheet (HTML) - NXP Semiconductors


UBA2028 Product details

General description
The UBA2028 is a high voltage power IC that drives and controls electronically ballasted Compact Fluorescent Lamps (CFLs). The IC includes a Metal-Oxide-Semiconductor Transistor (MOST) half-bridge power circuit, a dimming function, a high voltage level shift circuit, an oscillator function, a lamp voltage monitor, a current control function, a timer function and various protections.

Features and benefits
■ Two internal 600 V, 3 Ω max MOST half-bridge power circuits
■ For steady state currents up to 280 mA
■ For ignition currents up to 1.5 A
■ Adjustable preheat time
■ Adjustable preheat current
■ Current controlled operating
■ Single ignition attempt
■ Adaptive non-overlap time control
■ Integrated high voltage level shift function
■ Power-down function
■ Protection against lamp failures or lamp removal
■ Capacitive mode protection

Applications
■ 5 W to 25 W dimmable CFLs, provided that the maximum junction temperature is not exceeded.




Similar Part No. - UBA2028

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2028T NXP-UBA2028T Datasheet
206Kb / 23P
600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
UBA2028 NXP-UBA2028_10 Datasheet
206Kb / 23P
600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
More results


Similar Description - UBA2028

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
600 V driver IC for HF fluorescent lamps
2002 May 16
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
Ballast Control IC for Compact Fluorescent Lamps
logo
NXP Semiconductors
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA20271 PHILIPS-UBA20271 Datasheet
465Kb / 33P
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2.1-12 October 2011
logo
Fairchild Semiconductor
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
Ballast Control IC for Compact Fluorescent Lamps
logo
NXP Semiconductors
UBA20260 NXP-UBA20260 Datasheet
273Kb / 30P
600 V driver IC for step dimmable CFLs
Rev. 2-10 October 2011
UBA2028 NXP-UBA2028_10 Datasheet
206Kb / 23P
600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
UBA20270 NXP-UBA20270 Datasheet
924Kb / 32P
600 V Driver IC for dimmable compact fluorescent lamps
Rev. 2-8 September 2011
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
logo
NXP Semiconductors
UBA20271 NXP-UBA20271 Datasheet
464Kb / 33P
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2 .1 - 12 October 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com