Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2550 Datasheet (PDF) - New Japan Radio

NJM2550 Datasheet PDF - New Japan Radio
Part # NJM2550
Download  NJM2550 Download
File Size   185.27 Kbytes
Page   15 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 10.7MHz INPUT FM IF DEMODULATOR

NJM2550 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2550 Datasheet PDF - New Japan Radio

Part # NJM2550
Download  NJM2550 Click to download

File Size   185.27 Kbytes
Page   15 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 10.7MHz INPUT FM IF DEMODULATOR

NJM2550 Datasheet (HTML) - New Japan Radio


NJM2550 Product details

GENERAL DESCRIPTION

The NJM2550 is a wide-operating voltage, low-current FM IF demodulator IC with 10.7MHz(standard) IF frequency. It includes a limiting amplifier, quadrature detector, filter amplifier, FSK/ASK(OOK) comparator, RSSI thermal characteristics correction, and quick charge circuit

The NJM2550 is suitable for low power, narrow band receiver for short range data/voice transmission by using IF=10.7MHz or IF/carrier frequency of up to 50MHz.



„FEATURES

 Wide Range Operating Voltage 2V to 9V

 Low Operating Current 4.4mA at V+=3V

 Wide Range IF Input Frequency 10.7MHz (standard)

                              5MHz to 50MHz (reference value)

 Wide Band FM Detector Circuit 1MHz (reference value)

 High-speed Transmission Rate 2Mbps (reference value)

 FSK/ASK (OOS) Comparator

 Two External Resistors to Adjust RSSI ‘s Thermal Characteristics

 Bipolar Technology

 Package Outline SSOP16




Similar Part No. - NJM2550

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2550 NISSHINBO-NJM2550 Datasheet
172Kb / 15P
10.7MHz INPUT FM IF DEMODULATOR
Ver.2018-03-09
NJM2550V NISSHINBO-NJM2550V Datasheet
172Kb / 15P
10.7MHz INPUT FM IF DEMODULATOR
Ver.2018-03-09
More results


Similar Description - NJM2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
FM/IF amplifier/demodulator circuit
1998 Nov 18
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
FM IF AMPLIFIER WITH DEMODULATOR
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592 Datasheet
69Kb / 3P
470MHz INPUT 455kHz FM IF DEMODULATOR
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
455kHz INPUT FM IF DEMODULATOR
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
FM IF AMPLIFIER WITH DEMODULATOR
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
WIDE BAND FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
455kHz INPUT FM IF DEMODULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com