Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR032EPR2 Datasheet (PDF) - Freescale Semiconductor, Inc

MPR032EPR2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPR032EPR2
Download  MPR032EPR2 Download
File Size   308.1 Kbytes
Page   32 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Proximity Capacitive Touch Sensor Controller

MPR032EPR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPR032EPR2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPR032EPR2
Download  MPR032EPR2 Click to download

File Size   308.1 Kbytes
Page   32 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Proximity Capacitive Touch Sensor Controller

MPR032EPR2 Datasheet (HTML) - Freescale Semiconductor, Inc


MPR032EPR2 Product details

MPR03X OVERVIEW
The MPR03X is an Inter-Integrated Circuit Communication (I2C) driven Capacitive Touch Sensor Controller, optimized to manage two electrodes with interrupt functionality, or three electrodes with the interrupt disabled. It can accommodate a wide range of implementations due to increased sensitivity and a specialized feature set.

Features
• 8 µA supply current with two electrodes being monitored with 64 ms response time and IRQ enabled
• Compact 2 x 2 x 0.65 mm 8-lead µDFN package
• Supports up to 3 touch pads
• Only one external component needed
• Intelligent touch detection capacity
• 4 µA maximum shutdown current
• 1.71 V to 2.75 V operation
• Threshold based detection with hysteresis
• I2C interface, with optional IRQ
• Multiple devices in a system allow for up to 6 electrodes (need MPR032 with second I2C address)
• -40°C to +85°C operating temperature range

Implementations
• Switch Replacements
• Touch Pads

Typical Applications
• PC Peripherals
• MP3 Players
• Remote Controls
• Mobile Phones
• Lighting Controls




Similar Part No. - MPR032EPR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR032EPR2 FREESCALE-MPR032EPR2 Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR032EPR2 FREESCALE-MPR032EPR2 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
More results


Similar Description - MPR032EPR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com