Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5643LF0MLQ8 Datasheet (PDF) - Freescale Semiconductor, Inc

MPC5643LF0MLQ8 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC5643LF0MLQ8
Download  MPC5643LF0MLQ8 Download
File Size   1607.63 Kbytes
Page   98 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPC5643L Microcontroller Data Sheet

MPC5643LF0MLQ8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5643LF0MLQ8 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC5643LF0MLQ8
Download  MPC5643LF0MLQ8 Click to download

File Size   1607.63 Kbytes
Page   98 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPC5643L Microcontroller Data Sheet

MPC5643LF0MLQ8 Datasheet (HTML) - Freescale Semiconductor, Inc


MPC5643LF0MLQ8 Product details

Overview

This document provides electrical specifications, pin assignments, and package diagrams for the MPC5643L series of microcontroller units (MCUs). For functional characteristics, refer to the MPC5643L Microcontroller Reference Manual. For use of the MPC5643Lin a fail-safe system according to safety standard IEC 61508, refer to the MPC5643L Safety Application Guide. The MPC5643L series microcontrollers are system-on-chip devices that are built on Power Architecture™ technology and:



• Are 100% user-mode compatible with the classic Power Architecture instruction set

• Contain enhancements that improve the architecture’s fit in embedded applications

• Include additional instruction support for digital signal processing (DSP)

• Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter, Controller Area Network, and an enhanced modular input-output system



This document describes the features of the family and options available within the family members, and highlights important electrical and physical characteristics of the devices.



MPC5643L Microcontroller

• High-performance e200z4d dual core

   – 32-bit Power Architecture™ Book E CPU

   – Core frequency as high as 120 MHz

   – Dual issue five-stage pipeline core

   – Variable Length Encoding (VLE)

   – Memory Management Unit (MMU)

   – 4 KB instruction cache with error detection code

   – Signal processing engine (SPE)

• Memory available

   – 1 MB Flash memory with ECC

   – Built-in RWW capabilities for EEPROM emulation

   – As much as 128 KB on-chip RAM with ECC

• SIL3/ASILD innovative safety concept: LockStep mode and Fail-safe protection

   – Sphere of replication (SoR) for key components (such as CPU core, DMA, crossbar switch)

   – Fault collection and control unit (FCCU)

   – Redundancy control and checker unit (RCCU) on outputs of the SoR connected to FCCU

   – Boot-time Built-In Self-Test for Memory (MBIST) and Logic (LBIST) triggered by hardware

   – Boot-time Built-In Self-Test for ADC and flash memory triggered by software

   – Replicated safety enhanced watchdog

   – Replicated junction temperature sensor

   – Non-maskable interrupt (NMI)

   – 16-region memory protection unit (MPU)

   – Clock monitoring units (CMU)

   – Power management unit (PMU)

   – Cyclic redundancy check (CRC) unit

• Decoupled Parallel mode for high performance use of replicated cores

• Nexus Class 3+ interface

• Interrupts

   – Replicated 16-priority controller

   – Replicated 16-channel eDMA controller

• GPIOs individually programmable as input, output or

special function

• Three 6-channel general-purpose eTimer units

• Two FlexPWM units

   – Four 16-bit channels per module

• Communications interfaces

   – Two LINFlex channels

   – Three DSPI channels with automatic chip select generation

   – Two FlexCAN interfaces (2.0B Active) with 32 message objects – FlexRay module (V2.1) with dual channel, up to 64 message objects and speed as fast as 10 Mbit/s

• Two 12-bit analog-to-digital converters (ADCs)

   – 16 input channels

   – Programmable cross triggering unit (CTU) to synchronize ADCs conversion with timer and PWM

• Sine wave generator (D/A with low pass filter)

• On-chip CAN/UART/FlexRay Bootstrap loader

• Single 3.0 V to 3.6 V voltage supply

• Ambient temperature range –40 °C to 125 °C

• Junction temperature range –40 °C to 150 °C



 




Similar Part No. - MPC5643LF0MLQ8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L Datasheet
739Kb / 136P
Qorivva Microcontroller
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_11 Datasheet
726Kb / 124P
High-performance e200z4d dual core
MPC5643L FREESCALE-MPC5643L_12 Datasheet
739Kb / 136P
Qorivva Microcontroller
More results


Similar Description - MPC5643LF0MLQ8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com