Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B130L Datasheet (PDF) - PACELEADER INDUSTRIAL

B130L Datasheet PDF - PACELEADER INDUSTRIAL
Part # B130L
Download  B130L Download
File Size   254.32 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B130L Datasheet (PDF)

Go To PDF Page Download Datasheet
B130L Datasheet PDF - PACELEADER INDUSTRIAL

Part # B130L
Download  B130L Click to download

File Size   254.32 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B130L Datasheet (HTML) - PACELEADER INDUSTRIAL


B130L Product details

VOLTAGE - 20 TO 40 VOLTS CURRENT - 1.0 AMPERES

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
• For surface mount applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier, majority carrier conduction
• Low power loss, high efficiency
• Easy pick and place
• High curren capability, low VF
• High surge capacity
• For use in low voltage gigh frequency inverters,
   Free wheeling, and protection applications
• High temperature soldering guaranteed
• High temperature soldering
   260°C/10 seconds at terminsls
• Pb free product at available 99% Sn above meet RoHs
   Environment substance directive request




Similar Part No. - B130L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130L DIODES-B130L Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
B130L DIODES-B130L Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 8 - 2 July 2009
B130L-13-F DIODES-B130L-13-F Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
B130L-13-F DIODES-B130L-13-F Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 8 - 2 July 2009
More results


Similar Description - B130L

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B220LB PACELEADER-B220LB Datasheet
266Kb / 2P
LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B320LC PACELEADER-B320LC Datasheet
275Kb / 2P
LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com