Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2EB Datasheet (PDF) - PACELEADER INDUSTRIAL

ES2EB Datasheet PDF - PACELEADER INDUSTRIAL
Part # ES2EB
Download  ES2EB Download
File Size   134.4 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT SUPERFAST RECTIFIER

ES2EB Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2EB Datasheet PDF - PACELEADER INDUSTRIAL

Part # ES2EB
Download  ES2EB Click to download

File Size   134.4 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT SUPERFAST RECTIFIER

ES2EB Datasheet (HTML) - PACELEADER INDUSTRIAL


ES2EB Product details

VOLTAGE - 50 TO 600 VOLTS CURRENT - 2.0 AMPERES



FEATURES

For surface mount applications

Low profile package

Buit-in strain relief

Easy pick and place

Superfast recovery times for high efficiency

Plastic package has Underwriters Laboratory

    Flammability Classification 94V-0

Glass passivated junction

High temperature soldering 260oC/10seconds at terminals

Pb free product are available 99% Sn above can meet RoHS Environment substance directive request



MECHANICAL DATA

Case JEDEC DO-214AA molded plastic

Terminals Solder plated, solderable per

MIL-STD-750, Method 2026

Polarity indicated by cathode band

Standard packaging 16mm tape (EIA-481)

Weight 0.003 ounce, 0.093grams




Similar Part No. - ES2EB

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ES2EB YINT-ES2EB Datasheet
545Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
UN Semiconducctor INC
ES2EB UNSEMI-ES2EB Datasheet
2Mb / 4P
Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
DONGGUAN YOU FENG WEI E...
ES2EBF YFWDIODE-ES2EBF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES2EBF YFWDIODE-ES2EBF Datasheet
426Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES2EBF JUXING-ES2EBF Datasheet
732Kb / 3P
Surface Mount Superfast Rectifiers
More results


Similar Description - ES2EB

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com