Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK53C Datasheet (PDF) - PACELEADER INDUSTRIAL

SK53C Datasheet PDF - PACELEADER INDUSTRIAL
Part # SK53C
Download  SK53C Download
File Size   331.07 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SK53C Datasheet (PDF)

Go To PDF Page Download Datasheet
SK53C Datasheet PDF - PACELEADER INDUSTRIAL

Part # SK53C
Download  SK53C Click to download

File Size   331.07 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SK53C Datasheet (HTML) - PACELEADER INDUSTRIAL


SK53C Product details

VOLTAGE - 20 TO 1000 VOLTS CURRENT - 5.0 AMPERES

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
• For surface mount applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier, majority carrier conduction
• Low power loss, high efficiency
• High surge capability
• For use in low voltage high frequency inverters, free
   wheeling, and polarity protection applications
• High temperature soldering guaranteed 260°C/10
   seconds at terminsls
• High temperature soldering 260°C/10 seconds at terminsls
• Pb free product at available 99% Sn above meet Rohs
   environment substance directive request




Similar Part No. - SK53C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK53C TSC-SK53C Datasheet
50Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK53C TSC-SK53C Datasheet
287Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SK53C BILIN-SK53C Datasheet
206Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diotech Company.
SK53C DIOTECH-SK53C Datasheet
756Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK53C TSC-SK53C Datasheet
136Kb / 2P
5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SK53C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com