Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUB1105W Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

HUB1105W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # HUB1105W
Download  HUB1105W Download
File Size   606.43 Kbytes
Page   16 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Ultra High Brightness Type

HUB1105W Datasheet (PDF)

Go To PDF Page Download Datasheet
HUB1105W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # HUB1105W
Download  HUB1105W Click to download

File Size   606.43 Kbytes
Page   16 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Ultra High Brightness Type

HUB1105W Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


HUB1105W Product details

Product features

・Outer Dimension 3.2 x 1.6 x 1.85mm ( L x W x H )

・Temperature range

  Storage Temperature : -40℃~120℃

  Operating Temperature : -40℃~100℃

・Lead–free soldering compatible

・RoHS compliant




Similar Part No. - HUB1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
337Kb / 20P
Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
Single Color Ultra High Brightness Type
More results


Similar Description - HUB1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
Single Color Ultra High Brightness ?5 Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
Single Color Ultra High Brightness Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
Single Color Ultra High Brightness ?5 Type
1111C STANLEY-1111C Datasheet
392Kb / 27P
Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
Single Color Ultra High Brightness Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com