Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFR1104B Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

VFR1104B Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # VFR1104B
Download  VFR1104B Download
File Size   296.43 Kbytes
Page   16 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)

VFR1104B Datasheet (PDF)

Go To PDF Page Download Datasheet
VFR1104B Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # VFR1104B
Download  VFR1104B Click to download

File Size   296.43 Kbytes
Page   16 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)

VFR1104B Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


VFR1104B Product details

Product features
● Outer Dimension 3.5 x 2.8 x 1.9mm ( L x W x H )
● Temperature range
    Storage Temperature : -40℃~ 110℃
    Operating Temperature : -40℃~ 100℃
● Lead–free soldering compatible
● RoHS compliant

Recommended Applications
    Amusement Equipment, Electric Household Appliances, Other General Applications




Similar Part No. - VFR1104B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFR1105W STANLEY-VFR1105W Datasheet
305Kb / 16P
Single Color Dome Lens Type (High Reliability type, V-Series)
VFR1105W-6C9-TR STANLEY-VFR1105W-6C9-TR Datasheet
722Kb / 20P
Lead?밼ree soldering compatible
More results


Similar Description - VFR1104B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
Single Color High Brightness Type
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
PLCC-6 Type Tri-color
1105W STANLEY-1105W Datasheet
305Kb / 16P
Single Color Dome Lens Type (High Reliability type, V-Series)
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
PLCC-2 Type White LED (High Reliability type, White V-Series)
VCPB1104LS STANLEY-VCPB1104LS Datasheet
281Kb / 16P
Single Color PLCC-2 Type (High Reliability type, V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
PLCC-2 Type White LED (High Reliability type, White V-Series)
logo
Lite-On Technology Corp...
LTST-T680TBKT LITEON-LTST-T680TBKT Datasheet
530Kb / 9P
Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
logo
STANLEY ELECTRIC CO.,LT...
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
Single Color High Brightness Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com