Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2164 Datasheet (PDF) - Micrel Semiconductor

MIC2164 Datasheet PDF - Micrel Semiconductor
Part # MIC2164
Download  MIC2164 Download
File Size   918.07 Kbytes
Page   36 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control

MIC2164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2164 Datasheet PDF - Micrel Semiconductor

Part # MIC2164
Download  MIC2164 Click to download

File Size   918.07 Kbytes
Page   36 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control

MIC2164 Datasheet (HTML) - Micrel Semiconductor


MIC2164 Product details

General Description
The Micrel MIC2164/-2/-3/C are constant-frequency, synchronous buck controllers featuring adaptive on-time control. The MIC2164/-2/-3/C are the first products in the new Hyper Speed Control™ family of buck controllers introduced by Micrel.

Features
• Hyper Speed Control™ architecture enables
    - High delta V operation (VHSD = 28V and VOUT = 0.8V)
    - Smaller output capacitors than competitors
• 3V to 28V input voltage
• Any CapacitorTM stable
    - Zero ESR to high ESR
• 25A output current capability
• 300kHz/600kHz/1MHz switching frequency
• Adaptive on-time mode control
• Adjustable output from 0.8V to 5.5V with ±1% (MIC2164/-2/-3) or ±3% (MIC2164C) FB accuracy
• Up to 95% efficiency
• Foldback current-limit and “hiccup” mode short-circuit protection
• 6ms Internal soft start
• Thermal shutdown
• Safe start-up into pre-biased loads
• –40°C to +125°C junction temperature range
• Available in 10-pin MSOP package

Applications
• Set-top box, gateways and routers
• Printers, scanners, graphic cards and video cards
• Telecommunication, PCs and servers




Similar Part No. - MIC2164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2164-2YMM MICREL-MIC2164-2YMM Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2164-3YMM MICREL-MIC2164-3YMM Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2164CYMM MICREL-MIC2164CYMM Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2164YMM MICREL-MIC2164YMM Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
More results


Similar Description - MIC2164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com