Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet (PDF) - Micrel Semiconductor

MIC3003 Datasheet PDF - Micrel Semiconductor
Part # MIC3003
Download  MIC3003 Download
File Size   755.44 Kbytes
Page   75 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description FOM Management IC with Internal Calibration

MIC3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3003 Datasheet PDF - Micrel Semiconductor

Part # MIC3003
Download  MIC3003 Click to download

File Size   755.44 Kbytes
Page   75 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description FOM Management IC with Internal Calibration

MIC3003 Datasheet (HTML) - Micrel Semiconductor


MIC3003 Product details

General Description

The MIC3003 is a fiber optic module controller which enables the implementation ofsophisticated, hot-pluggable fiber optic transceivers with intelligent laser control and an internally calibrated Digital Diagnostic Monitoring Interface per SFF-8472. It essentially integrates all non-datapath

functions of an SFP transceiver into a tiny (4mm x 4mm) MLF® package. It also works well as a microcontroller peripheral in transponders or 10Gbps transceivers.



Features

• Extended temperature range

•  Alarms and warnings interrupt and TXFAULT masks

•  Capability to support up to four MIC3003 on one SMBus

•  APC or constant-current laser bias

•  Turbo mode for APC loop start-up and shorter laser turn on time

•  Supports multiple laser types and bias circuit topologies

•  Integrated digital temperature sensor

•  Temperature compensation of modulation, bias, bias fault and alarm thresholds via NVRAM look-up tables

•  NVRAM to support GBIC/SFP serial ID function

•  User writable EEPROM scratchpad

•  Reset signal compatible with some new systems requirements

•  Diagnostic monitoring interface per SFF-8472

    –  Monitors and reports critical parameters: temperature, bias current, TX and RX optical power, and supply voltage

   –  S/W control and monitoring of TXFAULT, RXLOS, RATESELECT, and TXDISABLE

   –  Internal or external calibration

   –  EEPOT for adjusting RX power measurement

•  Power-on hour meter

• Interrupt capability

•  Extensive test and calibration features

•  2-wire SMBus-compatible serial interface

•  SFP/SFP+ MSA and SFF-8472 compliant

•  3.0V to 3.6V power supply range

• 5V-tolerant I/O

•  Available in (4mm x 4mm) 24-pin MLF® package



Applications

•  SFP/SFP+ optical transceivers

•  SONET/SDH transceivers and transponders

• Fibre Channel transceivers

• 10Gbps transceivers

•  Free space optical communications

•  Proprietary optical links




Similar Part No. - MIC3003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3003GFLTR MICREL-MIC3003GFLTR Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3003GML MICREL-MIC3003GML Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GMLTR MICREL-MIC3003GMLTR Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
More results


Similar Description - MIC3003

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
OSCILLATOR IC WITH ELECTRONIC CALIBRATION
logo
Micrel Semiconductor
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibration
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com