Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3535 Datasheet (PDF) - Pomona Electronics

3535 Datasheet PDF - Pomona Electronics
Part # 3535
Download  3535 Download
File Size   19.7 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Adapter BNC (Male) To ?쏯??(Female)

3535 Datasheet (PDF)

Go To PDF Page Download Datasheet
3535 Datasheet PDF - Pomona Electronics

Part # 3535
Download  3535 Click to download

File Size   19.7 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Adapter BNC (Male) To ?쏯??(Female)

3535 Datasheet (HTML) - Pomona Electronics


3535 Product details

FEATURES:
● Connector meets the interface requirements of MIL-STD-348

MATERIALS:
   Body and Fittings – Brass, Tarnish Resistant Plating, Center Contact – Gold Plated Beryllium Copper
   Dielectric: PTFE
   Marking: “Pomona 3535”

RATING:
   Operating Voltage: Shield/Earth: 30VAC/60VDC Max.
                                   Inner Conductor/Shield: 500VRMS Max.
   Operating Temperature: -65ºC to +165ºC
   Nominal Impedance: 50 Ohms




Similar Part No. - 3535

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
LCR HiTESTER
logo
3M Electronics
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
logo
Applied Motion Products...
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
73Kb / 4P
Si-100 Motor Control
logo
Adafruit Industries
3535 ADAFRUIT-3535 Datasheet
365Kb / 2P
VGA to HDMI Audio and Video Adapter
6-23-17
More results


Similar Description - 3535

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
Adapter BNC (Female) To UHF (Male)
4296 POMONA-4296 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Male
4298 POMONA-4298 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Female
4299 POMONA-4299 Datasheet
25Kb / 1P
Adapter SMA Female To Type ?쏯??Female
logo
Pasternack Enterprises,...
PE9088 PASTERNACK-PE9088 Datasheet
246Kb / 3P
TNC Male to BNC Female Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9406 PASTERNACK-PE9406 Datasheet
241Kb / 2P
BNC Male to MHV Female Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
logo
List of Unclassifed Man...
BU-P4290 ETC2-BU-P4290 Datasheet
200Kb / 1P
Adapter BNC Female to SMA Male
logo
Pasternack Enterprises,...
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com