Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88232L Datasheet (PDF) - Micrel Semiconductor

SY88232L Datasheet PDF - Micrel Semiconductor
Part # SY88232L
Download  SY88232L Download
File Size   879.61 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier

SY88232L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88232L Datasheet PDF - Micrel Semiconductor

Part # SY88232L
Download  SY88232L Click to download

File Size   879.61 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier

SY88232L Datasheet (HTML) - Micrel Semiconductor


SY88232L Product details

General Description
The SY88232L is a single supply 3.3V integrated laser driver and post amplifier for telecom/datacom applications with data rates from 155Mbps up to 2.5Gbps. The driver can deliver modulation current up to 85mA, and provides a high compliance voltage that makes it suitable for high-current operation with the laser DC-coupled to it. The post amplifier can detect signals with amplitude as low as 5mVPP.
The SY88232AL is a version of the SY88232L without 50Ω termination resistors at the inputs of the driver and the post amplifier. The SY88232AL is to be used specially in SFF modules mounted on mother boards which have preinstalled terminations. Removing post amplifier input terminations will allow for receiver gain control.

Features
• 2.4V minimum laser compliance voltage
• Operation up to 2.5Gbps
• Integrated APC circuit
• Modulation current up to 85mA
• Bias current up to 70mA
• Bias, Modulation, and power monitoring
• High input sensitivity post amplifier, 5mVPP
• Programmable LOS level
• Available in 32-pin (5mm x 5mm) QFN package

Applications
• Multi-rate burst mode applications: A-PON, B-PON,
   G-PON, E-PON, GE-PON




Similar Part No. - SY88232L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88232LMG MICREL-SY88232LMG Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88232LMGTR MICREL-SY88232LMGTR Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
More results


Similar Description - SY88232L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
2.5Gbps Laser Diode Driver with Integrated
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
3.3V, 2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com