Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SV16 Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08SV16 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08SV16
Download  MC9S08SV16 Download
File Size   755.2 Kbytes
Page   40 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit (CPU)

MC9S08SV16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08SV16 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08SV16
Download  MC9S08SV16 Click to download

File Size   755.2 Kbytes
Page   40 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit (CPU)

MC9S08SV16 Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08SV16 Product details

Features:
• 8-Bit HCS08 Central Processor Unit (CPU)
   – Up to 40 MHz CPU at 2.7 V to 5.5 V across temperature range of –40 °C to 85 °C
   – HC08 instruction set with added BGND instruction
   – Support for up to 32 interrupt/reset sources
• On-Chip Memory
   – Up to 16 KB flash read/program/erase over full operating voltage and temperature
   – Up to 1024-byte random-access memory (RAM)
   – Security circuitry to prevent unauthorized access to RAM and flash contents
• Power-Saving Modes
   – Two low power stop modes; reduced power wait mode
   – Allows clocks to remain enabled to specific peripherals in stop3 mode
• Clock Source Options
   – Oscillator (XOSC) — Loop-control Pierce oscillator; crystal or ceramic resonator range of 31.25 kHz to 39.0625 kHz or 1 MHz to 16 MHz
   – Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked-loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supporting bus frequencies up to 20 MHz
• System Protection
   – Watchdog computer operating properly (COP) reset with option to run from dedicated 1 kHz internal clock source or bus clock
   – Low-voltage detection with reset or interrupt; selectable trip points
   – Illegal opcode detection with reset
   – Illegal address detection with reset
   – Flash block protection
• Development Support
   – Single-wire background debug interface
   – Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints)
   – On-chip in-circuit emulator (ICE) debug module containing two comparators and nine trigger modes




Similar Part No. - MC9S08SV16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
More results


Similar Description - MC9S08SV16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
8-bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com