Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657 Datasheet (PDF) - Analog Devices

AD6657 Datasheet PDF - Analog Devices
Part # AD6657
Download  AD6657 Download
File Size   1165.97 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad IF Receiver

AD6657 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6657 Datasheet PDF - Analog Devices

Part # AD6657
Download  AD6657 Click to download

File Size   1165.97 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad IF Receiver

AD6657 Datasheet (HTML) - Analog Devices


AD6657 Product details

GENERAL DESCRIPTION
The AD6657 is an 11-bit, 200 MSPS, quad-channel intermediate frequency (IF) receiver specifically designed to support multiantenna systems in telecommunication applications where high dynamic range performance, low power, and small size are desired.

FEATURES
   11-bit, 200 MSPS output data rate per channel
   Integrated noise shaping requantizer (NSR)
   Performance with NSR enabled
      SNR: 75.5 dBFS in 40 MHz band to 70 MHz @ 185 MSPS
      SNR: 73.7 dBFS in 60 MHz band to 70 MHz @ 185 MSPS
   Performance with NSR disabled
      SNR: 66.5 dBFS to 70 MHz @ 185 MSPS
      SFDR: 83 dBc to 70 MHz @ 185 MSPS
   Low power: 1.2 W @ 185 MSPS
   1.8 V analog supply operation
   1.8 V LVDS (ANSI-644 levels) output
   1-to-8 integer clock divider
   Internal ADC voltage reference
   1.75 V p-p analog input range (programmable to 2.0 V p-p)
   Differential analog inputs with 800 MHz bandwidth
   95 dB channel isolation/crosstalk
   Serial port control
   User-configurable built-in self-test (BIST) capability
   Energy-saving power-down modes

APPLICATIONS
   Communications
   Diversity radio and smart antenna (MIMO) systems
   Multimode digital receivers (3G)
      WCDMA, LTE, CDMA2000
      WiMAX, TD-SCDMA
   I/Q demodulation systems
   General-purpose software radios




Similar Part No. - AD6657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
AD6657A AD-AD6657A Datasheet
158Kb / 5P
High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
REV. B
AD6657A AD-AD6657A Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
AD6657ABBCZ AD-AD6657ABBCZ Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
AD6657ABBCZ AD-AD6657ABBCZ Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
More results


Similar Description - AD6657

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
FM IF RECEIVER
logo
Texas Instruments
ADS58C48 TI-ADS58C48 Datasheet
2Mb / 70P
Quad Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
AD6672 AD-AD6672 Datasheet
1Mb / 32P
IF Receiver
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
logo
Texas Instruments
ADS58C48 TI1-ADS58C48_14 Datasheet
2Mb / 71P
Quad Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
IF Receiver
REV. C
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com