Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DCM Datasheet (PDF) - Motorola, Inc

MAC4DCM Datasheet PDF - Motorola, Inc
Part # MAC4DCM
Download  MAC4DCM Download
File Size   156.02 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS

MAC4DCM Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC4DCM Datasheet PDF - Motorola, Inc

Part # MAC4DCM
Download  MAC4DCM Click to download

File Size   156.02 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS

MAC4DCM Datasheet (HTML) - Motorola, Inc


MAC4DCM Product details

Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control.

• Small Size Surface Mount DPAK Package
• Passivated Die for Reliability and Uniformity
• Blocking Voltage to 800 V
• On–State Current Rating of 4.0 Amperes RMS at 108°C
• High Immunity to dv/dt — 500 V/s at 125°C
• High Immunity to di/dt — 6.0 A/ms at 125°C




Similar Part No. - MAC4DCM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DCM ONSEMI-MAC4DCM Datasheet
120Kb / 8P
Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
MAC4DCM ONSEMI-MAC4DCM Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
logo
Kersemi Electronic Co.,...
MAC4DCM KERSEMI-MAC4DCM Datasheet
464Kb / 8P
Silicon Bidirectional Thyristors
logo
HAOPIN MICROELECTRONICS...
MAC4DCM HAOPIN-MAC4DCM Datasheet
495Kb / 6P
Blocking voltage to 600 V
logo
ON Semiconductor
MAC4DCM-001 ONSEMI-MAC4DCM-001 Datasheet
120Kb / 8P
Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
More results


Similar Description - MAC4DCM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC4DHM MOTOROLA-MAC4DHM Datasheet
131Kb / 6P
TRIACS 4.0 AMPERES RMS 600 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com