Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3629 Datasheet (PDF) - Analog Devices

ADP3629 Datasheet PDF - Analog Devices
Part # ADP3629
Download  ADP3629 Download
File Size   368.65 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Dual, 2 A MOSFET Driver

ADP3629 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3629 Datasheet PDF - Analog Devices

Part # ADP3629
Download  ADP3629 Click to download

File Size   368.65 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Dual, 2 A MOSFET Driver

ADP3629 Datasheet (HTML) - Analog Devices


ADP3629 Product details

GENERAL DESCRIPTION

The ADP3629/ADP3630/ADP3631 are dual, high current, high speed drivers, capable of driving two independent N-channel power MOSFETs. The ADP3629/ADP3630/ADP3631 use the industry-standard footprint but add high speed switching performance and improved system reliability.

The ADP3629/ADP3630/ADP3631 have an internal temperature sensor and provide two levels of overtemperature protection: an overtemperature warning and an overtemperature shutdown at extreme junction temperatures.



FEATURES

  Industry-standard-compatible pinout

  High current drive capability

  Precise threshold shutdown comparator

  UVLO with hysteresis

  Overtemperature warning signal

  Overtemperature shutdown

  3.3 V-compatible inputs

  Rise time and fall time: 10 ns typical at 2.2 nF load

  Fast propagation delay

  Matched propagation delays between channels

  Supply voltage: 9.5 V to 18 V

  Dual outputs can be operated in parallel (ADP3629/ADP3630)

  Rated from −40°C to +85°C ambient temperature

  8-lead SOIC_N and 8-lead MSOP



APPLICATIONS

  AC-to-DC switch mode power supplies

  DC-to-DC power supplies

  Synchronous rectification

  Motor drives



 




Similar Part No. - ADP3629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3623 AD-ADP3623 Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3623ARDZ-RL AD-ADP3623ARDZ-RL Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3623ARHZ-RL AD-ADP3623ARHZ-RL Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3624 AD-ADP3624 Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3624ARDZ AD-ADP3624ARDZ Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
More results


Similar Description - ADP3629

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
logo
Analog Devices
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
High Speed, Dual, 4 A MOSFET Driver
REV. 0
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com