Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6348-42ARTZ-R7 Datasheet (PDF) - Analog Devices

ADM6348-42ARTZ-R7 Datasheet PDF - Analog Devices
Part # ADM6348-42ARTZ-R7
Download  ADM6348-42ARTZ-R7 Download
File Size   249.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits

ADM6348-42ARTZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6348-42ARTZ-R7 Datasheet PDF - Analog Devices

Part # ADM6348-42ARTZ-R7
Download  ADM6348-42ARTZ-R7 Click to download

File Size   249.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits

ADM6348-42ARTZ-R7 Datasheet (HTML) - Analog Devices


ADM6348-42ARTZ-R7 Product details

GENERAL DESCRIPTION

The ADM6326/ADM6328/ADM6346/ADM6348 devices provide low cost solutions for protecting sensitive circuitry, such as micro processor and telecommunications circuitry.

With built-in glitch immunity, ultralow supply currents, and 24 reset threshold voltage options, the ADM6326/ADM6328/ADM6346/ADM6348 not only ensure that systems are immune to fast transients on VCC, but also that the devices are suitable for monitoring a variety of supply voltages in low power, portable equipment.



FEATURES

Ultralow supply current of 1 μA maximum (ADM6326/ADM6328)

Accurate monitoring of 2.5 V, 3 V, 3.3 V, and 5 V rails

Reset thresholds available in increments from 2.2 V to 4.63 V

Glitch immunity from negative-going VCC transients




Similar Part No. - ADM6348-42ARTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
logo
Pulse A Technitrol Comp...
ADM6305 PULSE-ADM6305 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Analog Devices
ADM6305D3ARJZ-RL7 AD-ADM6305D3ARJZ-RL7 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
ADM6305D3ARJZ-RL7 AD-ADM6305D3ARJZ-RL7 Datasheet
247Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. A
ADM6305D3ARJZ1-RL7 AD-ADM6305D3ARJZ1-RL7 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
More results


Similar Description - ADM6348-42ARTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM803 AD-ADM803 Datasheet
132Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
6/03-Data Sheet changed from REV. B to REV. C.
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Analog Devices
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com