Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6105B Datasheet (PDF) - Silan Microelectronics Joint-stock

SC6105B Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC6105B
Download  SC6105B Download
File Size   386.47 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION

SC6105B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC6105B Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC6105B
Download  SC6105B Click to download

File Size   386.47 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION

SC6105B Datasheet (HTML) - Silan Microelectronics Joint-stock


SC6105B Product details

DESCRIPTION

The  SC6105  is  a  switching  mode  power  supply  controller  for computers.  It  can  regulator  the  output  voltages  by  providing  PWM signals  to  drive  a  transformer.  It  monitors  and  protects  the 3.3V/±5V/±12V outputs. Two internal TL431 shunt regulators provide stable reference voltage for 3.3V and 5V-standby regulator. Remote ON/OFF  control,  power  good  circuitry,  over  voltage  and  under voltage  protection  circuitry  and  over  power  protection  circuitry  is implemented.



FEATURES

* Over voltage protection for 3.3V/5V/12V

* Under voltage protection for 3.3V/±5V/±12V

* Over power protection

* Short circuit protection

* AC-input under voltage protection

* Power good circuitry

* PSON for remote controller

* Delay time for PSON or PG signals

* Two shunt regulators for 3.3V and 5V-standby

* soft start and maximum 93% duty cycle



APPLICATIONS

*  Switching  mode  power  supply  for computers.




Similar Part No. - SC6105B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6102K FUMAN-SC6102K Datasheet
136Kb / 1P
Rocker IC
More results


Similar Description - SC6105B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD6109 SILAN-SD6109 Datasheet
728Kb / 10P
VOLTAGE MODE PWM POWER SUPPLY WITH BUILT-IN SUPERVISOR, PROTECTION AND REGULATION FOR PCs
SA482P67K65 SILAN-SA482P67K65 Datasheet
132Kb / 6P
PWM CONTROLLER WITH BUILTIN MOSFET
logo
Orister Corporation
RS2253 ORISTER-RS2253 Datasheet
467Kb / 9P
Second?륲ide Regulation Current Mode PWM Power Switcher
RS2254 ORISTER-RS2254 Datasheet
435Kb / 9P
Second?륲ide Regulation Current Mode PWM Power Switcher
RS2258 ORISTER-RS2258 Datasheet
427Kb / 9P
Second?륲ide Regulation Current Mode PWM Power Switcher
RS2259 ORISTER-RS2259 Datasheet
427Kb / 9P
Second?륲ide Regulation Current Mode PWM Power Switcher
logo
ON Semiconductor
FLS6617 ONSEMI-FLS6617 Datasheet
454Kb / 15P
Primary-Side-Regulation PWM with POWER MOSFET
Rev. 1.1
logo
Silan Microelectronics ...
SD686X SILAN-SD686X Datasheet
250Kb / 10P
CURRENT MODE PWMPFM CONTROLLER WITH BUILTIN MOSFET
logo
Princeton Technology Co...
RS2254 PTC-RS2254 Datasheet
182Kb / 5P
Second-Side Regulation Current Mode PWM Power Switcher
RS2259 PTC-RS2259 Datasheet
203Kb / 4P
Second-Side Regulation Current Mode PWM Power Switcher
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com