Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DSM Datasheet (PDF) - ON Semiconductor

MAC4DSM Datasheet PDF - ON Semiconductor
Part # MAC4DSM
Download  MAC4DSM Download
File Size   132.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON BIDIRECTIONAL THYRISTORS

MAC4DSM Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC4DSM Datasheet PDF - ON Semiconductor

Part # MAC4DSM
Download  MAC4DSM Click to download

File Size   132.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON BIDIRECTIONAL THYRISTORS

MAC4DSM Datasheet (HTML) - ON Semiconductor


MAC4DSM Product details

Triacs

Silicon Bidirectional Thyristors

Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control.



Features

•Small Size Surface Mount DPAK Package

•Passivated Die for Reliability and Uniformity

•Blocking Voltage to 800 V

•On−State Current Rating of 4.0 Amperes RMS at 108°C

•Low IGT − 10 mA Maximum in 3 Quadrants

•High Immunity to dv/dt − 50 V/s at 125°C

•Epoxy Meets UL 94 V−0 @ 0.125 in

•ESD Ratings: Human Body Model, 3B 8000 V Machine Model, C 400 V

•Pb−Free Packages are Available




Similar Part No. - MAC4DSM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DSM ONSEMI-MAC4DSM Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 5
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
logo
Inchange Semiconductor ...
MAC4DSM ISC-MAC4DSM Datasheet
436Kb / 3P
isc Triacs
logo
ON Semiconductor
MAC4DSM-001 ONSEMI-MAC4DSM-001 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 5
MAC4DSM-001G ONSEMI-MAC4DSM-001G Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 5
More results


Similar Description - MAC4DSM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com