Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4303 Datasheet (PDF) - Toshiba Semiconductor

MP4303 Datasheet PDF - Toshiba Semiconductor
Part # MP4303
Download  MP4303 Download
File Size   255.23 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)

MP4303 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4303 Datasheet PDF - Toshiba Semiconductor

Part # MP4303
Download  MP4303 Click to download

File Size   255.23 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)

MP4303 Datasheet (HTML) - Toshiba Semiconductor


MP4303 Product details

High Power Switching Applications
Hammer Drive, Pulse Motor Drive and Inductive Load Switching

• Small package by full molding (SIP 12 pins)
• High collector power dissipation (4-device operation)
   : PT = 4.4 W (Ta = 25°C)
• High collector current: IC (DC) = 2 A (max)
• High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1 A)




Similar Part No. - MP4303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303Q TOSHIBA-MP4303Q Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303_07 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP4303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4208 TOSHIBA-MP4208 Datasheet
298Kb / 6P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4501 TOSHIBA-MP4501 Datasheet
275Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4020 TOSHIBA-MP4020 Datasheet
154Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
MP4013 TOSHIBA-MP4013_07 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4208 TOSHIBA-MP4208_07 Datasheet
167Kb / 6P
High Power High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4410 TOSHIBA-MP4410_07 Datasheet
133Kb / 4P
High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4514 TOSHIBA-MP4514_07 Datasheet
184Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4504 TOSHIBA-MP4504 Datasheet
140Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com