Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2347 Datasheet (PDF) - Princeton Technology Corp

PT2347 Datasheet PDF - Princeton Technology Corp
Part # PT2347
Download  PT2347 Download
File Size   213.78 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor

PT2347 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2347 Datasheet PDF - Princeton Technology Corp

Part # PT2347
Download  PT2347 Click to download

File Size   213.78 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor

PT2347 Datasheet (HTML) - Princeton Technology Corp


PT2347 Product details

DESCRIPTION

The PT2347 is an audio processor designed for versatile application, it adopts all of functions from successful predecessor- the PT2313L, and it includes 3 stereo input selector withadjustable gain, master volume control with low frequency loudness compensation, individual output attenuator and tone control.



FEATURES

• Controlled by I²C interface

• Direct replace the PT2313L with +10dB output gain

• 3 stereo inputs with gain selection, range from 0dB to +11.25dB in 3.75dB/step

• Master volume from 0dB to -78.75dB in 1.25dB/step

• Speaker attenuator for balance and fader, range from 0dB to -38.75dB in 1.25dB/step

• Each output can be muted individually.

• Low frequency loudness compensation

• Bass and Treble control, range from -14dB to +14dB in 2dB/step

• Wide operation range (VDD = 4V to 10V)

• Low harmonic distortion Low noise



APPLICATIONS

• Car audio

• Home audio system

• Powered speaker system




Similar Part No. - PT2347

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT234 BOURNS-PT234 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
logo
Everlight Electronics C...
PT234-6B EVERLIGHT-PT234-6B Datasheet
532Kb / 7P
Opto Interrupter
logo
Bourns Electronic Solut...
PT23401 BOURNS-PT23401 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
PT23402 BOURNS-PT23402 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
PT23403 BOURNS-PT23403 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
More results


Similar Description - PT2347

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Silan Microelectronics ...
SC7315 SILAN-SC7315 Datasheet
238Kb / 13P
2CH OUTPUT STEREO AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com