Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2348 Datasheet (PDF) - Princeton Technology Corp

PT2348 Datasheet PDF - Princeton Technology Corp
Part # PT2348
Download  PT2348 Download
File Size   235.44 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 4.1-Channel Audio Processor with Subwoofer

PT2348 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2348 Datasheet PDF - Princeton Technology Corp

Part # PT2348
Download  PT2348 Click to download

File Size   235.44 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 4.1-Channel Audio Processor with Subwoofer

PT2348 Datasheet (HTML) - Princeton Technology Corp


PT2348 Product details

DESCRIPTION

The PT2348 is a 4.1CH audio processor designed for Car Audio purpose. Using I2C interface controls all of the functions. Like most of audio processors, it equips up to 4 stereo sources input with adjustable gain, master volume with adaptive loudness, treble and bass tone control. In a car entertainment system where needs front and rear seat individual control, the PT2348 provides

separate input source selection and output volume adjustment; a special design, mixing amp, is very easy to combine the navigation system or cellular phone’s voice with the car audio system.



FEATURES

• Controlled by I2C Interface

• 4 Stereo Inputs (including 1 quasi-differential input) with selectable input gain

• 2 Channels Electronic Volume:+15 to -79dB with 1dB/step

• 1 Subwoofer Output: +15 to -79dB with 1dB/step

• Adjustable crossover frequency for Subwoofer

• Tone Control (Bass and Treble): -15 to +15dB, 1dB/step

• Input Gain Control: 0 to +15dB, 1dB/step

• Loudness: 0 to -15dB, 1dB/step

• 4 independent speaker outputs: +15 to -79dB with 1dB/step & independent programmable mix input with 50% mixing ratio for front speakers

• Low Distortion and Low Noise

• 36-pin SSOP package




Similar Part No. - PT2348

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
PT2348-X PTC-PT2348-X Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
More results


Similar Description - PT2348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7429L STMICROELECTRONICS-TDA7429L Datasheet
114Kb / 16P
3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
Mar-2000
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
AUDIO PROCESSOR with Input Selector and Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
Princeton Technology Co...
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
2.1 Channel Audio Processor with Subwoofer Out
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
logo
STMicroelectronics
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com