Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6907 Datasheet (PDF) - Princeton Technology Corp

PT6907 Datasheet PDF - Princeton Technology Corp
Part # PT6907
Download  PT6907 Download
File Size   179.72 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Linear Dimming LED Driver with Switch On/Off

PT6907 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6907 Datasheet PDF - Princeton Technology Corp

Part # PT6907
Download  PT6907 Click to download

File Size   179.72 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Linear Dimming LED Driver with Switch On/Off

PT6907 Datasheet (HTML) - Princeton Technology Corp


PT6907 Product details

DESCRIPTION
The PT6907 is a buck LED driver which has linear dimming function with normal switch ON/OFF. While turning-on the switch first time, the LED current will increase from the minimum value to the maximum current during about 9 seconds. The PT6907 builds-in exponential algorithm and the LED’s brightness changes smoothly and linearly. During the dimming processing, you can turn-off the switch when the LED’s brightness reaches the level you want. The PT6907 can remember and hold the status for a certain time which is programmable after turned-off.

FEATURES
• 8V to 12V Input Voltage Range
• Low Start-up Current
• Constant Frequency Operation, 50kHz typical
• Open Loop Peak Current Controller
• Linear Dimming with Normal Switch On/Off
• Programmable Holding Time
• Dimming with Exponential Algorithm, More Suitable for Human Eyes.
• 10bit DAC Integrated for Synchronous Application, More Flexible for Group Control
• Normal Switch Compatible
• SOP8 Package

APPLICATIONS
• Offline LED Lamps and Fixtures
• Office and Home LED Lightings
• LED Table Lamps
• Signage and Decorative LED Lightings




Similar Part No. - PT6907

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6907 PTC-PT6907 Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
PT6907-S PTC-PT6907-S Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
PT6907 PTC-PT6907_10 Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
More results


Similar Description - PT6907

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6907 PTC-PT6907_10 Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
8-Channel Linear LED Driver With PWM Dimming
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Silicon Solu...
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Shenzhen Tianyuan Semic...
TP8121 TPOWER-TP8121 Datasheet
471Kb / 8P
Switch dimming stroboscopic linear constant current LED driver
TP8123 TPOWER-TP8123 Datasheet
519Kb / 7P
Switch dimming high power factor linear constant current LED driver
logo
SHENZHEN FUMAN ELECTRON...
TC3085CL FUMAN-TC3085CL Datasheet
738Kb / 8P
Switch dimming / color linear LED constant current driver chip
logo
Princeton Technology Co...
PT6988 PTC-PT6988 Datasheet
281Kb / 4P
ON/OFF 3-Level Buck LED Driver with Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com