Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XSAC1 Datasheet (PDF) - MMD Components

XSAC1 Datasheet PDF - MMD Components
Part # XSAC1
Download  XSAC1 Download
File Size   74.61 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 2mm X 2.5mm 4 Pads Ceramic Package

XSAC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
XSAC1 Datasheet PDF - MMD Components

Part # XSAC1
Download  XSAC1 Click to download

File Size   74.61 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 2mm X 2.5mm 4 Pads Ceramic Package

XSAC1 Datasheet (HTML) - MMD Components




Similar Part No. - XSAC1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XSAN01122EX SCHNEIDER-XSAN01122EX Datasheet
121Kb / 6P
inductive sensor Namur - M8 - Sn1.5mm - 7..12VDC - cable 2m
Jan 7, 2021
XSAV11373 SCHNEIDER-XSAV11373 Datasheet
150Kb / 6P
Rot. monitoring - M30 - Sn10mm - 6..150c/mn - 12..48VDC - cable 2m
Nov 27, 2020
XSAV11373EX SCHNEIDER-XSAV11373EX Datasheet
146Kb / 6P
rotation monitoring hazardous area - M30 - Sn10mm - 6..150c/mn - NC - cable 2m
Jan 7, 2021
XSAV11801 SCHNEIDER-XSAV11801 Datasheet
137Kb / 6P
inductive sensor, XSA, cylindrical, M30, sensing 10 mm, 2 meter cable
Aug 10, 2019
XSAV11801EX SCHNEIDER-XSAV11801EX Datasheet
96Kb / 2P
Rotation monitoring hazardous area - M30 Sn10mm - 6..150c/mn - cable 2m
Jan 7, 2021
More results


Similar Description - XSAC1

ManufacturerPart #DatasheetDescription
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
5mm X 7mm X 4 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
JSAA1 MMD-JSAA1 Datasheet
88Kb / 1P
5mm X 3.2mm X 4 Pads Ceramic Package
logo
Vectron International, ...
VXC1-1133-26M5625000 VECTRON-VXC1-1133-26M5625000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M000000 VECTRON-VXC1-1134-25M000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M0000000 VECTRON-VXC1-1134-25M0000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
logo
MMD Components
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
5mm x 7mm 6 Pads Ceramic Package
MIMH3 MMD-MIMH3 Datasheet
53Kb / 1P
5 x 7 Ceramic SMD 4 Pads Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com