Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J16CA3 Datasheet (PDF) - MMD Components

J16CA3 Datasheet PDF - MMD Components
Part # J16CA3
Download  J16CA3 Download
File Size   88.08 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 5mm X 3.2mm X 4 Pads Ceramic Package

J16CA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
J16CA3 Datasheet PDF - MMD Components

Part # J16CA3
Download  J16CA3 Click to download

File Size   88.08 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 5mm X 3.2mm X 4 Pads Ceramic Package

J16CA3 Datasheet (HTML) - MMD Components




Similar Part No. - J16CA3

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
J160K400-240 NOVA-J160K400-240 Datasheet
2Mb / 10P
RUGGED SINGLE & THREE PHASE INVERTERS
J160K60-240 NOVA-J160K60-240 Datasheet
2Mb / 10P
RUGGED SINGLE & THREE PHASE INVERTERS
logo
National Semiconductor ...
J16A NSC-J16A Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
J16A TI1-J16A Datasheet
415Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
J16A TI1-J16A Datasheet
387Kb / 8P
Hex TRI-STATE(RM) Inverting Buffers
More results


Similar Description - J16CA3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXC1 VECTRON-VXC1 Datasheet
127Kb / 2P
VXC1 7 x 5 x 1.7mm 4 pads
VXC4 VECTRON-VXC4 Datasheet
128Kb / 2P
VXC4 7 x 5 x 1.1mm 4 pads
logo
MMD Components
XSAA1 MMD-XSAA1 Datasheet
74Kb / 1P
2mm X 2.5mm 4 Pads Ceramic Package
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
5mm X 7mm X 4 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
logo
Vectron International, ...
VXC1-1133-26M5625000 VECTRON-VXC1-1133-26M5625000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M000000 VECTRON-VXC1-1134-25M000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M0000000 VECTRON-VXC1-1134-25M0000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
logo
MMD Components
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
5mm x 7mm 6 Pads Ceramic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com