Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS100-36 Datasheet (PDF) - RSG Electronic Components GmbH

LS100-36 Datasheet PDF - RSG Electronic Components GmbH
Part # LS100-36
Download  LS100-36 Download
File Size   1033.93 Kbytes
Page   6 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description Single output General Purpose Power Supplies

LS100-36 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS100-36 Datasheet PDF - RSG Electronic Components GmbH

Part # LS100-36
Download  LS100-36 Click to download

File Size   1033.93 Kbytes
Page   6 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description Single output General Purpose Power Supplies

LS100-36 Datasheet (HTML) - RSG Electronic Components GmbH


LS100-36 Product details

• High MTBF up to 900 000 hours

• Superior operating temperatue performance up to 70°C

• Very High efficiency up to 87%

• Very Low Cost

• Compact

• Withstands 300VAC surges (5s)

• Three Year Warranty



Features

• High MTBF

• High efficiency

• -25 to +70°C operating temperature

• Low derating above 50 °C (up to 70% load available at 70° C)

• Curve B EMC



Benefits

• Superior Reliability

• Easier system cooling

• Suitable for indoor & outdoor enclosures

• Improved system power optimasition

• Assists system compliance



Key Market Segments & Applications

  Test & Measurement

  Automated Service

  Factory Automation

  General Purpose

  LED Lighting & Display



 




Similar Part No. - LS100-36

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS100-36 TDK-LS100-36 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results


Similar Description - LS100-36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
Single Output Regulated Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com