Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9011 Datasheet (PDF) - Daya Electric Group Co., Ltd.

S9011 Datasheet PDF - Daya Electric Group Co., Ltd.
Part # S9011
Download  S9011 Download
File Size   823.42 Kbytes
Page   1 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description TO-92 Plastic-Encapsulate Transistors

S9011 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9011 Datasheet PDF - Daya Electric Group Co., Ltd.

Part # S9011
Download  S9011 Click to download

File Size   823.42 Kbytes
Page   1 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description TO-92 Plastic-Encapsulate Transistors

S9011 Datasheet (HTML) - Daya Electric Group Co., Ltd.


S9011 Product details

TRANSISTOR(NPN)

FEATURE
   Power dissipation
     PCM :  0.31    W(T amb=25℃)
   Collector current
     ICM: 0.03 A
   Collector-base voltage
     V(BR)CBO : 30  V
   Operating and storage junction temperature range
     Tj, Tstg:    -55℃to +150℃




Similar Part No. - S9011

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
TRANSISTOR竊?NPN 竊
logo
Galaxy Semi-Conductor H...
S9011 BILIN-S9011 Datasheet
156Kb / 2P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
SHENZHEN YONGERJIA INDU...
S9011 WINNERJOIN-S9011 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
Diode Semiconductor Kor...
S9011 DSK-S9011 Datasheet
167Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
SUNMATE electronic Co.,...
S9011 SUNMATE-S9011 Datasheet
504Kb / 2P
SILICON EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - S9011

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com