Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17020 Datasheet (PDF) - Maxim Integrated Products

MAX17020 Datasheet PDF - Maxim Integrated Products
Part # MAX17020
Download  MAX17020 Download
File Size   636.86 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator

MAX17020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17020 Datasheet PDF - Maxim Integrated Products

Part # MAX17020
Download  MAX17020 Click to download

File Size   636.86 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator

MAX17020 Datasheet (HTML) - Maxim Integrated Products


MAX17020 Product details

General Description

The MAX17020 is a dual Quick-PWM™ step-down power-supply (SMPS) controller with synchronous rectification, intended for main 5V/3.3V or I/O 1.5V/1.05V power generation in battery-powered systems. Low side MOSFET sensing provides a simple low-cost, highly efficient current sense for valley current-limit protection. Combined with the output overvoltage and

undervoltage protection features, this current limit ensures robust output supplies.



Features

♦ Dual Quick-PWM

♦ Internal 100mA 5V or Adjustable Linear Regulator

♦ Independent LDO Bypass Input

♦ Internal Boost Diodes

♦ Secondary Feedback Input Maintains Charge Pump

♦ 3.3V 5mA RTC Power (Always On)

♦ OUT1: 5V or 1.5V Fixed or 0.7V Adjustable Feedback

♦ OUT2: 3.3V or 1.05V Fixed or Dynamic Adjustable

♦ Dynamic 0V to 2V REFIN2 Input on Second SMPS

♦ 2V ±1% 50µA Reference

♦ 6V to 24V Input Range (28V max)

♦ Ultrasonic Mode

♦ Independent SMPS and LDO Enable Controls

♦ Independent SMPS Power-Good Outputs

♦ Minimal Component Count



Applications

Notebook Computers

Main System Supply (5V and 3.3V Supplies)

I/O System Supply (1.5V and 1.05V Supplies)

Graphic Cards

DDR1, DDR2, DDR3 Power Supplies

Game Consoles

Low-Power I/O and Chipset Supplies

Two-to-Four Li+ Cell Battery-Powered Devices

PDAs and Mobile Communicators

Telecommunication




Similar Part No. - MAX17020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT+ MAXIM-MAX17021EVKIT+ Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021GTL+ MAXIM-MAX17021GTL+ Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results


Similar Description - MAX17020

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
Dual synchronous step-down controller with adjustable LDO
26-Jun-2008
logo
Maxim Integrated Produc...
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Microchip Technology
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
logo
Maxim Integrated Produc...
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com