Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1186 Datasheet (PDF) - Unisonic Technologies

L1186 Datasheet PDF - Unisonic Technologies
Part # L1186
Download  L1186 Download
File Size   166.46 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 600mA CMOS LDO

L1186 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1186 Datasheet PDF - Unisonic Technologies

Part # L1186
Download  L1186 Click to download

File Size   166.46 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 600mA CMOS LDO

L1186 Datasheet (HTML) - Unisonic Technologies


L1186 Product details

DESCRIPTION
The UTC L1186 is a COMS positive linear regulator. One of its features is the very low quiescent current typical as low as 30μA and its dropout voltage is extremely low with 600mA output current.
The internal circuit includes thermal shutdown and current fold-back to prevent device failure when the circuit is operated in the bad conditions.
In application, the UTC L1186 needs a low noise, regulated supply. For stable operation, the output capacitance value should be 2.2μF or more.
The UTC L1186 is an ideal for battery applications, such as instrumentations, portable electronics, wireless devices, cordless phones, PC peripherals, and battery powered widgets.

FEATURES
* Accurate to Within 1.5%
* Quiescent Current: 30μA
* Internal Over-Temperature Shutdown
* With Current Limiting
* Internal Short Circuit Current Fold-Back
* With Noise Reduction Bypass Capacitor
* Has Power-Saving Shutdown Mode
* Very Low Temperature Coefficient




Similar Part No. - L1186

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1186 UTC-L1186 Datasheet
197Kb / 7P
600mA CMOS LDO
L1186 UTC-L1186 Datasheet
217Kb / 7P
600mA CMOS LDO
L1186 UTC-L1186 Datasheet
241Kb / 7P
600mA CMOS LDO
L1186 UTC-L1186 Datasheet
239Kb / 7P
600mA CMOS LDO
L1186G-XX-AF5-R UTC-L1186G-XX-AF5-R Datasheet
197Kb / 7P
600mA CMOS LDO
More results


Similar Description - L1186

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com