Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC00 Datasheet (PDF) - Unisonic Technologies

U74AC00 Datasheet PDF - Unisonic Technologies
Part # U74AC00
Download  U74AC00 Download
File Size   160.23 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUADRUPLE 2-INPUT POSITIVE-NAND GATES

U74AC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
U74AC00 Datasheet PDF - Unisonic Technologies

Part # U74AC00
Download  U74AC00 Click to download

File Size   160.23 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUADRUPLE 2-INPUT POSITIVE-NAND GATES

U74AC00 Datasheet (HTML) - Unisonic Technologies


U74AC00 Product details

DESCRIPTION
The UTC U74AC00 contains four independent 2-input NAND gates, and those gates perform the Boolean function of Y = A ×B or Y = A +B in positive logic.

FEATURES
* Operation voltage range: 2V ~ 6V
* Low power dissipation: ICC =2μA (Max)
* High speed: tpd =7ns (Typ.) @ 5V
* Low input current: 0.1μA (Max) @ 25°C
* Halogen Free




Similar Part No. - U74AC00

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC00G-P14-R UTC-U74AC00G-P14-R Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00G-S14-R UTC-U74AC00G-S14-R Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00 UTC-U74AC00_15 Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Similar Description - U74AC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com