Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK4145 Datasheet (PDF) - Unisonic Technologies

UK4145 Datasheet PDF - Unisonic Technologies
Part # UK4145
Download  UK4145 Download
File Size   146.05 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHING N-CHANNEL POWER MOSFET

UK4145 Datasheet (PDF)

Go To PDF Page Download Datasheet
UK4145 Datasheet PDF - Unisonic Technologies

Part # UK4145
Download  UK4145 Click to download

File Size   146.05 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHING N-CHANNEL POWER MOSFET

UK4145 Datasheet (HTML) - Unisonic Technologies


UK4145 Product details

DESCRIPTION

The UTC UK4145 is N-channel power MOSFET, suitable for high current switching applications.



„ FEATURES

* Low on-state resistance:

  RDS(ON) =10mΩ (Max.) @ VGS =10V, ID =42A

* Low input capacitance:

   CISS = 5300pF (Typ.)




Similar Part No. - UK4145

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK4145 UTC-UK4145 Datasheet
146Kb / 4P
SWITCHING N-CHANNEL POWER MOSFET
UK4145 UTC-UK4145 Datasheet
153Kb / 4P
SWITCHING N-CHANNEL POWER MOSFET
UK4145G-TA3-T UTC-UK4145G-TA3-T Datasheet
146Kb / 4P
SWITCHING N-CHANNEL POWER MOSFET
UK4145G-TA3-T UTC-UK4145G-TA3-T Datasheet
153Kb / 4P
SWITCHING N-CHANNEL POWER MOSFET
UK4145G-TQ2-R UTC-UK4145G-TQ2-R Datasheet
153Kb / 4P
SWITCHING N-CHANNEL POWER MOSFET
More results


Similar Description - UK4145

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113 NEC-2SK3113 Datasheet
145Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3322 NEC-2SK3322 Datasheet
91Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3455 NEC-2SK3455 Datasheet
64Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3457 NEC-2SK3457 Datasheet
77Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3483 NEC-2SK3483 Datasheet
164Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com