Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US201 Datasheet (PDF) - Unisonic Technologies

US201 Datasheet PDF - Unisonic Technologies
Part # US201
Download  US201 Download
File Size   256.96 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description POWER SWITCHES WITH FLAG

US201 Datasheet (PDF)

Go To PDF Page Download Datasheet
US201 Datasheet PDF - Unisonic Technologies

Part # US201
Download  US201 Click to download

File Size   256.96 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description POWER SWITCHES WITH FLAG

US201 Datasheet (HTML) - Unisonic Technologies


US201 Product details

DESCRIPTION
The UTC US201/A series are 80mΩ, 500mA for US201 (1.1A for US201A) high-side power switches. There’s internal single low voltage N-Channel MOSFET which makes it an ideal for all USB applications. This MOSFET should be driven by a charge pump circuitry inside. Its switch on resistance is as low as 80mΩ which we know specially meets the drop voltage for USB applications.

FEATURES
* 80mΩ(Typ) N-Channel MOSFET
* Supply Current:
    – Switch on : 25μA(Typ)
    – Switch off : 1μA (Typ)
* Load Current 500mA for US201 and 1.1A for US201A
* Input Voltage from 2V to 5.5V
* In off-State: Output Voltage can be Higher than Input




Similar Part No. - US201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201 UTC-US201 Datasheet
273Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201/A/B/C UTC-US201/A/B/C Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201XXG-AF5-R UTC-US201XXG-AF5-R Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Similar Description - US201

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1601 AIMTRON-AT1601 Datasheet
654Kb / 8P
USB High-Side Power Switches with Flag
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201 UTC-US201_12 Datasheet
273Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US211C UTC-US211C Datasheet
297Kb / 9P
HIGH-SIDE POWER SWITCHES WITH FLAG
logo
E-CMOS Corporation
ELPW5209 E-CMOS-ELPW5209 Datasheet
347Kb / 10P
Power Loading Switches With Flag/Adj.
logo
Unisonic Technologies
US203 UTC-US203_18 Datasheet
268Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com