Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT232A Datasheet (PDF) - Unisonic Technologies

UT232A Datasheet PDF - Unisonic Technologies
Part # UT232A
Download  UT232A Download
File Size   177.29 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ENHANCED RS-232 LINE DRIVERS/RECEIVERS

UT232A Datasheet (PDF)

Go To PDF Page Download Datasheet
UT232A Datasheet PDF - Unisonic Technologies

Part # UT232A
Download  UT232A Click to download

File Size   177.29 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ENHANCED RS-232 LINE DRIVERS/RECEIVERS

UT232A Datasheet (HTML) - Unisonic Technologies


UT232A Product details

DESCRIPTION
The UTC UT232A is the enhanced versions RS-232 line drivers/receivers. Enhancements of use performance include increased drive current for longer and more flexible cable configurations and 10V/µs slew rate, 120k bits per second guaranteed transmission rate and Ease of use enhancements include enhanced ESD protection, low power dissipation, smaller, 0.1µF charge pump capacitors, and overall ruggedized construction for commercial environments.

FEATURES
* Receiver input levels:±30V
* Single 5V power supply
* 0.1µF small charge pump capacitors
* High data rate-120kbps
* High output slew rate 10V/µs
* ≤1µA low power shutdown
* 3-State outputs of TTL/CMOS receiver
* Multiple drivers and receivers




Similar Part No. - UT232A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-D16-T UTC-UT232AG-D16-T Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-D16-T UTC-UT232AG-D16-T Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-S16-R UTC-UT232AG-S16-R Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232AG-S16-R UTC-UT232AG-S16-R Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
More results


Similar Description - UT232A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com