Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1284 Datasheet (PDF) - Toshiba Semiconductor

TA1284 Datasheet PDF - Toshiba Semiconductor
Part # TA1284
Download  TA1284 Download
File Size   316.01 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)

TA1284 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1284 Datasheet PDF - Toshiba Semiconductor

Part # TA1284
Download  TA1284 Click to download

File Size   316.01 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)

TA1284 Datasheet (HTML) - Toshiba Semiconductor


TA1284 Product details

The TA1284FN is TV tuner IC which integrate mixer / oscillator for VHF and CATV bands, mixer / oscillator for UHF band, and IF amplifier on a single chip. Supply voltage of 5 V helps lower power dissipation from the set.

Compact 16-pin SSOP makes the tuner more compact.



FEATURES

Supply voltage : 5V

Built-in mixer / oscillator for VHF and CATV bands

Built-in mixer / oscillator for UHF band

Oscillator circuits is low phase noise.

Built-in IF amplifier

Low power dissipation.




Similar Part No. - TA1284

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1284A TAI-SAW-TA1284A Datasheet
363Kb / 8P
SAW Filter 862 MHz
logo
Toshiba Semiconductor
TA1284FN TOSHIBA-TA1284FN Datasheet
173Kb / 9P
UHF / VHF TUNER IC (Low Phase Noise Oscillator)
TA1284FN TOSHIBA-TA1284FN_03 Datasheet
173Kb / 9P
UHF / VHF TUNER IC (Low Phase Noise Oscillator)
More results


Similar Description - TA1284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1231F TOSHIBA-TA1231F Datasheet
375Kb / 12P
UHF/VHF TUNER IC
TA1281F TOSHIBA-TA1281F Datasheet
376Kb / 12P
UHF/VHF TUNER IC
logo
Siemens Semiconductor G...
MTI3006X SIEMENS-MTI3006X Datasheet
327Kb / 14P
VHF/UHF-Tuner IC
TUA2019-5X SIEMENS-TUA2019-5X Datasheet
447Kb / 15P
VHF I / VHF II / UHF-Tuner IC
logo
TEMIC Semiconductors
U2320B TEMIC-U2320B Datasheet
159Kb / 7P
VHF/UHF Tuner-IC
U2309B TEMIC-U2309B Datasheet
189Kb / 8P
VHF/ UHF-Tuner-IC
logo
Fairchild Semiconductor
KSC1730 FAIRCHILD-KSC1730 Datasheet
41Kb / 4P
TV VHF, UHF Tuner Oscillator
logo
TEMIC Semiconductors
U2305B TEMIC-U2305B Datasheet
202Kb / 8P
VHF/ UHF-Tuner-IC
logo
Toshiba Semiconductor
TA1284FN TOSHIBA-TA1284FN_03 Datasheet
173Kb / 9P
UHF / VHF TUNER IC (Low Phase Noise Oscillator)
logo
Fairchild Semiconductor
KSC1730YTA FAIRCHILD-KSC1730YTA Datasheet
46Kb / 4P
TV VHF, UHF Tuner Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com