Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A94 Datasheet (PDF) - Daya Electric Group Co., Ltd.

A94 Datasheet PDF - Daya Electric Group Co., Ltd.
Part # A94
Download  A94 Download
File Size   207.15 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description TO-92 Plastic-Encapsulate Transistors

A94 Datasheet (PDF)

Go To PDF Page Download Datasheet
A94 Datasheet PDF - Daya Electric Group Co., Ltd.

Part # A94
Download  A94 Click to download

File Size   207.15 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description TO-92 Plastic-Encapsulate Transistors

A94 Datasheet (HTML) - Daya Electric Group Co., Ltd.


A94 Product details

FEATURES

High voltage



MAXIMUM RATINGS (TA=25℃ unless otherwise noted)

Symbol Parameter Value Units

VCBO Collector-Base Voltage -400 V

VCEO Collector-Emitter Voltage -400 V

VEBO Emitter-Base Voltage -5 V

IC Collector Current -Continuous -0.2 A

PC Collector Power Dissipation 0.625 W

Tj Junction Temperature 150 ℃

Tstg Storage Temperature -55 to +150 ℃




Similar Part No. - A94

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A94 JIANGSU-A94 Datasheet
454Kb / 3P
TRANSISTOR竊?PNP 竊
logo
Shenzhen Jin Yu Semicon...
A94 HTSEMI-A94 Datasheet
430Kb / 2P
TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
A94 SECOS-A94 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
A94 HOTTECH-A94 Datasheet
263Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
A94 BILIN-A94 Datasheet
133Kb / 3P
High Voltage Transistor
More results


Similar Description - A94

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com