Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3012KM Datasheet (PDF) - Sanken electric

SI-3012KM Datasheet PDF - Sanken electric
Part # SI-3012KM
Download  SI-3012KM Download
File Size   149.25 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs

SI-3012KM Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3012KM Datasheet PDF - Sanken electric

Part # SI-3012KM
Download  SI-3012KM Click to download

File Size   149.25 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs

SI-3012KM Datasheet (HTML) - Sanken electric


SI-3012KM Product details

■Features

• Compact surface mount package (TO252-5)

• Output current: 1.0 A

• Low dropout voltage: VDIF ≤ 0.6 V (at IO = 1.0 A)

• Low current consumption: Iq ≤ 350 µA

(600 µA for SI-3010KM/SI-3050KM/SI- 3090KM/SI-3120KM)

• Low circuit current at output OFF: Iq (OFF) ≤ 1 µA

• Built-in overcurrent and thermal protection circuits

• Output ON/OFF control function

• Compatible with low ESR capacitors (SI-3012KM/SI-3025KM/SI-3033KM)



■Applications

• Secondary stabilized power supply (local power supply)




Similar Part No. - SI-3012KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
1 A, Low-Dropout, 1.28~15 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results


Similar Description - SI-3012KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com