Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2513Bi-AEZG Datasheet (PDF) - SMSC Corporation

USB2513Bi-AEZG Datasheet PDF - SMSC Corporation
Part # USB2513Bi-AEZG
Download  USB2513Bi-AEZG Download
File Size   1749.61 Kbytes
Page   72 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description USB 2.0 Hi-Speed Hub Controller

USB2513Bi-AEZG Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2513Bi-AEZG Datasheet PDF - SMSC Corporation

Part # USB2513Bi-AEZG
Download  USB2513Bi-AEZG Click to download

File Size   1749.61 Kbytes
Page   72 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description USB 2.0 Hi-Speed Hub Controller

USB2513Bi-AEZG Datasheet (HTML) - SMSC Corporation


USB2513Bi-AEZG Product details

General Description
The SMSC USB251x hub is a family of low-power, OEM configurable, MTT (multi transaction translator) hub controller IC products for embedded USB solutions. The “x” in the part number indicates the number of downstream ports available. The SMSC hub supports low-speed, full-speed, and hi-speed (if operating as a hi speed hub) downstream devices on all of the enabled downstream ports.

Features
Full power management with individual or ganged power control of each downstream port
Fully integrated USB termination and pull-up/pull down resistors
Supports a single external 3.3 V supply source;
  internal regulators provide 1.2 V or 1.8 V internal core voltage
On-chip driver for 24 MHz crystal resonator or external 24/48 MHz clock input
Customizable vendor ID, product ID, and device ID
ESD protection up to 4 kilovolts on all USB pins
Supports self- or bus-powered operation
USB251xB2 and USB251xBi products support the USB Battery Charging specification
Lead-free RoHS compliant packages:
— 36-pin QFN (6x6 mm)
— 48-pin QFN (7x7 mm)
— 64-pin QFN (9x9 mm)
USB251xi, USB2512Ai, and USB251xBi products support the industrial temperature range of -40ºC
to +85ºC




Similar Part No. - USB2513Bi-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2513Bi-AEZG SMSC-USB2513Bi-AEZG Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2513BI-AEZG SMSC-USB2513BI-AEZG Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2513Bi-AEZG MICROCHIP-USB2513Bi-AEZG Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2513BI-AEZG MICROCHIP-USB2513BI-AEZG Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
More results


Similar Description - USB2513Bi-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com